PART |
Description |
Maker |
2N5551 2N5401 2N5223 2N5232A 2N5172 2N4403 2N5550 |
Small Signal Transistors TO-92 Case (Continued) RES ARRAY 1.5K OHM 8TRM 4RES SMD Small Signal Transistors TO-92 Case (Continued) 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Transistors TO-92 Case (Continued) 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor C... http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
MPS6651 MPS6601 MPS6602 MPS6652 ON2329 |
Amplifier Transistors 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 (MPS6602) Amplifier Transistors Voltage and current are negative for PNP transistors From old datasheet system
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
2N2223 2N2914 2N2915A 2N2916A 2N2917 2N2919 2N2919 |
Dual Transistors 40 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 300 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 30 mA, 60 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 200 mA, 15 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Leaded Small Signal Transistor Dual
|
Thomas Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
JANS2N3811U 2N38101 JANTX2N3810L JANTXV2N3810U |
PNP Dual Transistors; 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 PNP SILICON DUAL TRANSISTOR PNP Dual Transistors; Package: TO-78; 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Microsemi, Corp. Microsemi Corporation
|
2PB709ARL_DG 2PB709ARL 2PB709ASL 2PB709ASL/DG 2PB7 |
45 V, 100 mA PNP general-purpose transistors 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PLASTIC PACKAGE-3
|
NXP Semiconductors N.V.
|
MPSA63RLRM |
Darlington Transistors PNP Silicon 500 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
MMJT9435T1G MMJT9435T3G |
Bipolar Power Transistors PNP Silicon 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
ON Semiconductor
|
UMT2907A MMST2907 SST2907A MMST2907A PN2907A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) PNP Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
|